Part Number Hot Search : 
MXTA42 M29LV 2SB1412 2SB1412 GE6060 D74ALV EPE6103S GBU6005C
Product Description
Full Text Search
 

To Download NEV68M80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV, NEH SERIES
SUBMINIATURE (NEV: Radial Lead, NEH: Axial Leads)
The NEV and NEH series subminiature aluminum electrolytic capacitors are especially suitable for applications requiring high capacitance, low cost, and very small size. In fact, you'll find these capacitors in some of the most demanding applications, from precision medical electronics and automobiles to the newest personal computers and disk drives. They operate over a broad temperature range and are available in either blister pack or bulk.
MECHANICAL SPECIFICATIONS
Lead Solderability: Meets the requirements of MIL - STD 202, Method 208 Marking: Consists of series type, nominal capacitance, rated voltage, temperature range, anode and/or cathode identification, vendor identification. Recommended Cleaning Solvents: Methanol, isopropanol ethanol, isobutanol, petroleum ether, propanol and/or commercial detergents. Halogenated hydrocarbon cleaning agents such as Freon (MF, TF, or TC), trichloroethylene, trichloroethane, or methylchloride are not recommended as they may damage the capacitor.
RATINGS
Capacitance Range: 0.1f to 22,000f Tolerance: 20% Voltage Range: 6.3V to 100V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range: - 40C to +85C ( - 40F to +185F) Leakage Current: I 0.01CV + 3A (measured after 3 minutes of applied voltage) I = Leakage Current (A) C = Nominal Capacitance (f) V = Rated Voltage (V) Capacitance Tolerance (M): 20% measured at +20C (+68F), 120HZ Dissipation Factor: measured at +20C (+68F),120HZ
Rated Voltage 0.1f to 1000f 1000f to 22,000f 6.3 0.24 10 0.2 16 0.17 25 0.15 35 0.12 50 - 80 0.10 100 0.08
CASE SIZE AND DIMENSIONS:
NEV SERIES
Insulating Sleeve 18.0 Min
dO A 0.5
L L' 5.0 Min L' = L + 1.0 Max at D O 8.0 DO D' O L' = L + 2.0 Max at D O 10.0
D' O = D O + 0.5 Max
Values above plus 0.02 for each 1000f
Impedance Ratio at Low Temperature: 120HZ
Comparison Z WV Z @ - 25C ( - 13F)/ Z @ +20C (+68F) Z @ - 40C ( - 40F)/ Z @ +20C (+68F) 6.3 4 8 10 3 6 16 2 4 25 2 4 35 2 4 50 - 100
NEH SERIES (Insulating Bar = Negative)
L Insulating Sleeve
2
dO
4
2.3 Max
Surge Voltage:
DC Rated Voltage Surge Voltage 6.3 8 10 13 16 20 25 32 35 44 50 63 63 79 100 125
D' O = D O + 0.5 Max 35.0 Min L'
DO 35.0 Min D' O
Load Life: 1000 12Hrs @ +85C (+185F), at rated voltage Leakage Current: Within values specified above Dissipation Factor: Within 150% of specified value Capacitance Change Max: See Table
Rated Voltage 6.3V to 16V 25V to 100V Capacitance Change Max Within 30% of the initial value Within 20% of the initial value
L' = L + 1.0 Max at D O 8.0
L' = L + 2.0 Max at D O 10.0
ORDERING INFORMATION
NEV Series Capacitance Tolerance Voltage 47 M 50
Shelf Life: 1000 Hrs @ +85C (+185F), no voltage applied Leakage Current: Within 200% of specified value Dissipation Factor: Within 150% of specified value Capacitance Change Max: Within 20% of initial value
2
NTE Electronics, Inc. D Voice (800) 631 - 1250 (973) 748 - 5089 D FAX (973) 748 - 6224 D http://www.nteinc.com
ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV, NEH SERIES
NEV Series (Radial Type) Dimensions: Diameter (D O) x Length (L): mm
WV Cap (f) 0.10 0.15 0.22 0.33 0.47 0.56 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 22000 8 x 11.5 6.3 x 11 6.3 x 11 8 x 11 10 x 16 10 x 12.5 13 x 25 13 x 21 13 x 21 16 x 25 16 x 25 16 x 31.5 5 x 11 6.3 x 11 5 x 11 8 x 11.5 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 10 x 16 13 x 25 13 x 21 13 x 25 16 x 25 16 x 31.5 18 x 36 18 x 46 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8.5 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 16 x 31.5 13 x 25 16 x 25 16 x 31.5 18 x 36 18 x 40 5 x 11 5 x 11 5 x 11 8 x 11.5 6.3 x 11 10 x 12 8 x 11.5 10 x 12.5 10 x 16 10 x 16 13 x 21 16 x 35.5 16 x 25 16 x 31.5 18 x 36 18 x 40 22 x 41 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11 10 x 16 10 x 12.5 10 x 16 10 x 20 13 x 21 13 x 25 16 x 35.5 16 x 31.5 18 x 36 18 x 40 22 x 41 18 x 36 18 x 40 22 x 41 18 x 40 22 x 41 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12.5 8 x 11 10 x 20 10 x 16 10 x 20 13 x 21 13 x 25 16 x 25 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 12.5 13 x 20 10 x 20 13 x 21 13 x 25 13 x 25 16 x 31.5 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 21 13 x 25 16 x 25 16 x 25 16 x 31.5 16 x 25 18 x 40 6.3 10 16 25 35 50 5 x 11 63 5 x 11 100 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11
* These dimensions are for reference only, please consult the factory for actual size.
NEV Series (Radial Type) Mechanical Specifications: mm
Outside Diameter (D O) Lead Spacing (A) Lead Diameter (d O) 5 2 0.5 6.3 2.5 0.6 8 3.5 0.6 10 5 0.6 13 5 0.6 16 7.5 0.8 18 7.5 0.8 22 10 1.0
* These dimensions are for reference only, please consult the factory for actual size.
NTE Electronics, Inc. D Voice (800) 631 - 1250 (973) 748 - 5089 D FAX (973) 748 - 6224 D http://www.nteinc.com
3
ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV, NEH SERIES
NEH Series (Axial Type) Dimensions: Diameter (D O) x Length (L): mm
WV Cap (f) 0.10 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 22000 5 x 11 6.3 x 11 6.3 x 12.5 8 x 16 8 x 16 8 x 16 8 x 16 10 x 16 10 x 20 13 x 25 10 x 25 13 x 25 16 x 30 16 x 30 16 x 30 5 x 12 6.3 x 12.5 6.3 x 11 6.3 x 16 8 x 16 8 x 16 8 x 16 8 x 20 10 x 20 10 x 20 13 x 25 13 x 25 13 x 30 16 x 30 16 x 40 18 x 40 25 x 50 5 x 11 5 x 11 6.3 x 12.5 6.3 x 12.5 8 x 11.5 6.3 x 16 8 x 16 8 x 16 8 x 20 10 x 20 10 x 20 13 x 25 13 x 20 13 x 30 16 x 30 16 x 40 18 x 40 22 x 40 6.3 x 12.5 5 x 11 6.3 x 12.5 6.3 x 12.5 6.3 x 16 8 x 16 8 x 16 10 x 16 8 x 20 10 x 20 10 x 20 10 x 25 13 x 25 16 x 31.5 16 x 25 16 x 30 18 x 40 22 x 40 22 x 50 16 x 30 16 x 40 22 x 40 22 x 50 18 x 40 22 x 40 22 x 50 22 x 40 22 x 50 5 x 11 6.3 x 11 6.3 x 12.5 6.3 x 16 8 x 16 8 x 16 8 x 20 10 x 16 10 x 20 10 x 20 10 x 25 13 x 25 13 x 30 5 x 12.5 5 x 12.5 5 x 12.5 5 x 11 6.3 x 12.5 6.3 x 11 6.3 x 16 8 x 16 8 x 16 10 x 12.5 8 x 20 10 x 16 10 x 20 13 x 25 13 x 25 13 x 30 16 x 30 5 x 12.5 6.3 10 16 25 35 50 5 x 12.5 5 x 12.5 5 x 12.5 5 x 12.5 63 5 x 12.5 5 x 12.5 5 x 12.5 5 x 12.5 5 x 12.5 5 x 12.5 5 x 11 5 x 12.5 5 x 12.5 5 x 12.5 6.3 x 11 6.3 x 12.5 8 x 11.5 8 x 16 8 x 16 8 x 20 10 x 16 10 x 20 10 x 20 10 x 25 13 x 25 13 x 30 16 x 30 16 x 30 13 x 25 13 x 35 16 x 30 16 x 30 18 x 40 10 x 25 8 x 20 8 x 20 10 x 20 6.3 x 16 5 x 12.5 5 x 12.5 5 x 12.5 5 x 12.5 100 5 x 12.5 5 x 12.5 5 x 12.5 5 x 12.5
* These dimensions are for reference only, please consult the factory for actual size.
NEH Series (Axial Type) Mechanical Specifications: mm
Outside Diameter (D O) Lead Diameter (d O) 5 0.6 6.3 0.6 8 0.6 10 0.6 13 0.8 16 0.8 18 0.8 22 0.8 25 0.8
* These dimensions are for reference only, please consult the factory for actual size.
4
NTE Electronics, Inc. D Voice (800) 631 - 1250 (973) 748 - 5089 D FAX (973) 748 - 6224 D http://www.nteinc.com


▲Up To Search▲   

 
Price & Availability of NEV68M80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X